Part Number Hot Search : 
74ALVC HPR117W 2N540 ST3243CD MCR64 AP9936GM EDDTRP 00PS4
Product Description
Full Text Search
 

To Download JANTXV2N3716 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
NPN HIGH POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/408 Devices 2N3715 2N3716 Qualified Level JAN JANTX JANTXV
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Base Current Collector Current Total Power Dissipation
Symbol
VCEO VCBO VEBO IB IC PT TJ, Tstg Symbol RJC
2N3715
60 80
2N3716
80 100
Units
Vdc Vdc Vdc Adc Adc W W 0 C Unit C/W
@ TA = 250C @ TC =1000C Operating & Storage Junction Temperature Range
7.0 4.0 10 5.0 85.7 -65 to +200 Max. 1.17
THERMAL CHARACTERISTICS
Characteristics Thermal Resistance, Junction-to-Case 1) Derate linearly 28.57 mW/0C for TA >250C 2) Derate linearly 0.857 W/0C for TC >1000C
0
TO-3* (TO-204AA)
*See Appendix A for Package Outline
ELECTRICAL CHARACTERISTICS (TC = 250C unless otherwise noted)
Characteristics Symbol Min. Max. Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Current IC = 10 mAdc Collector-Base Cutoff Current VCB = 80 Vdc VCB = 100 Vdc Emitter-Base Breakdown Voltage VEB = 7.0 Vdc Collector-Emitter Cutoff Current VBE = 1.5 Vdc, VCE = 60 Vdc VBE = 1.5 Vdc, VCE = 80 Vdc 2N3715 2N3716 2N3715 2N3716 V(BR)CEO 60 80 10 10 1.0 1.0 1.0 Vdc
ICBO
Adc
IEBO 2N3715 2N3716 ICEX
mAdc mAdc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N3715, 2N3716 JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Collector-Emitter Cutoff Current VCE = 60 Vdc VCE = 80 Vdc Symbol 2N3715 2N3716 ICES Min. Max. 1.0 1.0 Unit mAdc
ON CHARACTERISTICS (3)
Forward-Current Transfer Ratio IC = 1.0 Adc, VCE = 2.0 Vdc IC = 3.0 Adc, VCE = 2.0 Vdc IC = 5.0 Adc, VCE = 2.0 Vdc IC = 10 Adc, VCE = 4.0 Vdc Collector-Emitter Saturation Voltage IC = 5.0 Adc, IB = 0.5 Adc IC = 10 Adc, IB = 2.0 Adc Base-Emitter Saturation Voltage IC = 5.0 Adc, IB = 0.5 Adc IC = 10 Adc, IB = 2.0 Adc 50 30 10 5.0 150 120
hFE
VCE(sat)
1.0 2.5 1.5 3.0
Vdc
VBE(sat)
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short Circuit Forward Current Transfer Ratio IC = 0.5 Adc, VCE = 10 Vdc, f = 100 kHz - 1.0 MHz Forward Current Transfer Ratio IC = 0.5 Adc, VCE = 10 Vdc, f = 1.0 kHz Output Capacitance VCB = 10 Vdc, IE = 0, f = 1.0 MHz
hfe
hfe Cobo
4.0
20
30
300 500 pF
SAFE OPERATING AREA
DC Tests TC = +250C, 1 Cycle, t 1.0 s Test 1 VCE = 15 Vdc, IC = 10 Adc Test 2 VCE = 40 Vdc, IC = 3.75 Adc Test 3 VCE = 55 Vdc, IC = 0.9 Adc 2N3715 VCE = 65 Vdc, IC = 0.9 Adc 2N3716 (3) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of JANTXV2N3716

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X